Part Number Hot Search : 
1S121 BUL54BFI MAS3549F 5KE180 1N5222 E2030 TRLPB BC548ABU
Product Description
Full Text Search
 

To Download 0399000508 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 04/12/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Description: Replacement Part Number: Documents: 3D Model Drawing (PDF)
0399000508 Active
3.81mm (.150") Pitch BeauTM EurostyleTM Vertical PCB Header, 8 Circuits 39511-1008
RoHS Certificate of Compliance (PDF) Series
Agency Certification
UL E48521
image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
General
Product Family Series Application Comments Component Type Product Name Replacement Part Number Type Terminal Blocks 39900 Wire-to-Board Gold plating and green housing available PCB Header EurostyleTMPluggable 39511-1008 Euro Block
Physical
Circuits (Loaded) Color - Resin Entry Angle Flammability Lock to Mating Part Material - Plating Mating Material - Plating Termination Material - Resin Number of Rows Orientation PC Tail Length (in) PC Tail Length (mm) PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Panel Mount Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Polarized to Mating Part Shrouded Stackable Temperature Range - Operating Wire Size AWG 8 Black N/A 94V-0 None Gold Gold Polyester 1 Vertical 0.134 In 3.40 mm N/A 0.093 In 2.40 mm No 0.150 In 3.81 mm 30 1.18 30 1.18 Yes Fully No 130C N/A
Search Parts in this Series 39900Series Mates With 39900-0308 Vertical Plug, Front Wire Entry, 39900-0208 Vertical Plug, Rear Wire Entry, 39905-0108 Horizontal Plug
Electrical
Current - Maximum per Contact Voltage - Maximum 12A 300V
Material Info
Old Part Number
901608
Reference - Drawing Numbers
Sales Drawing SD-39900-001
This document was generated on 04/12/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0399000508

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X